PART |
Description |
Maker |
MC34072JO MC34072JOR2 |
High Slew Rate, Wide Bandwidth, Single Supply Operational Amplifiers
|
ON Semiconductor
|
HA-253903 HA3-2539-5 HA-2539 |
Op Amp, 600MHz, Very High Slew Rate 600MHz, Very High Slew Rate Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
MC33074 MC34072 MC34072AD |
(MC33071 / MC33072 / MC33074) High Slew Rate / Wide Bandwidth / Single Supply Operational Amplifiers Dual Voltage Detector With Adjustable Hysteresis 6-SOT-23 -40 to 85 DUAL OP-AMP, 5000 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8
|
ON Semiconductor
|
M2136 |
ULTRA WIDE BAND,HIGH SLEW RATE SINGLE OPERATIONAL AMPLIFIER
|
UTC[Unisonic Technologies]
|
HA2-2525-5 HA3-2525-5 HA7-2525-5 HA9P2525-5 HA2520 |
20MHz, High Slew Rate, Uncompensated, High Input Impedance, Operational Amplifiers 0MHz,高压摆率,无偿,高输入阻抗,运算放大器 20MHz/ High Slew Rate/ Uncompensated/ High Input Impedance/ Operational Amplifiers From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
BA4510 BA4510F BA4510FV BA4510F/FV |
Dual high slew rate operational amplifier Standard LSIs Dual High Slew Rate Operational Amplifier(高转换速率双运 双高压摆率运算放大器(高转换速率双运放)
|
ROHM[Rohm] Rohm CO.,LTD. Rohm Co., Ltd.
|
BA15218 BA15218F BA15218N A5800648 |
Dual High Slew Rate, Low Noise Operational Amplifier(高转换率,低噪声双运放) Dual high slew rate/ low noise operational amplifier Operational Amplifier - Datasheet Reference From old datasheet system Dual high slew rate low noise operational amplifier
|
Rohm CO.,LTD. Rohm Co Ltd ROHM[Rohm]
|
HA-2850 HA9P2850-5 FN2844 |
470MHz, Low Power, High Slew Operational Amplifier From old datasheet system 470MHz Low Power High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate Operational Amplifier 470MHz/ Low Power/ High Slew Operational Amplifier 470MHz, Low Power, High Slew Rate
Operational Amplifier(470MHz、低功耗、高转换速率运算放大
|
INTERSIL[Intersil Corporation]
|
HA-2842 FN2766 |
80MHz, High Slew Rate, High Output
Current, Video Operational Amplifier(80MHz、高偏移高输出电流视频运算放大器) From old datasheet system 80MHz, High Slew Rate, High Output Current, Video Operational Amplifier
|
Intersil Corporation
|
HS0-2520RH-Q 5962D9568501VGA 5962D9568501VPA 5962D |
Radiation Hardened Uncompensated/ High Slew Rate Operational Amplifier 0.10 UF 80-20% 50V Y5V (0805) CHIP CAP Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, CDIP8 Radiation Hardened Uncompensated, High Slew Rate Operational Amplifier OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, UUC8 CONNECTOR ACCESSORY OP-AMP, 10000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8
|
Intersil Corporation Intersil, Corp.
|
ADM4857 ADM4856 ADM4855 ADM4854 ADM4853 ADM4852 AD |
5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers Full Duplex RS-485/RS-22 Transceiver w/10Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/500kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/115kbps Data Rate Half Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate Full Duplex RS-485/RS-22 Transceiver w/2.5Mbps Data Rate MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; Resistance, Rds on:2R; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, RoHS Compliant: Yes 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, DSO8 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers 5伏摆率限制半和全双工RS-485/RS-422收发 5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
ISL83070E07 ISL83076E ISL83076EIBZA ISL83070EIBZA |
卤15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(卤15kV ESD 淇??, 3.3V宸ヤ?,RS-485/RS-422?跺??? ±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 隆戮15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers 【15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers ±15kV ESD Protected, 3.3V, Full Fail-safe,Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers(±15kV ESD 保护, 3.3V工作,RS-485/RS-422收发 ± 15kV的ESD保护.3伏,全面故障保护,低功耗,高速或摆率限制,RS-485/RS-422收发器(± 15kV的ESD保护.3V的工作的RS-485/RS-422收发器)
|
Intersil Corporation Intersil, Corp.
|
|